Part Number Hot Search : 
Z5257B 10200 MB86298 TA78L12S W2040 STC1120 A1727 BL24C256
Product Description
Full Text Search
 

To Download 2SC15141 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC1514
DESCRIPTION *With TO-126 package *High Voltage *High frequency APPLICATIONS *TV chroma, video, audio output applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector Base
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Ta=25 PC Collector power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 15 150 -40~150 CONDITIONS Open emitter Open base Open collector VALUE 300 300 7 0.1 0.2 1.25 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter saturation voltage Base-emitter on voltage Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage DC current gain Output capacitance Transition frequency CONDITIONS IC=20mA IB=2m A IC=20mA ; VCE=20V IC=10A;IE=0 IC=100A; IB=0 IE=10A; IC=0 IC=20mA ; VCE=20V IE=0; VCB=30V;f=1MHz IE=20mA ; VCB=20V 50 300 300 7 30 MIN
2SC1514
SYMBOL VCEsat VBE V(BR)CBO V(BR)CEO V(BR)EBO hFE COB fT
TYP.
MAX 1.5 1.2
UNIT V V V V V
200 4 pF MHz
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC1514
Fig.2 outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC15141

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X